PART |
Description |
Maker |
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PDTA123YT215 PDTA123YE |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTC144TU PDTA144T PDTA144TE PDTA144TEF PDTA144TK |
PDTA144T series; PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PDTA113E PDTA113EE PDTA113EK PDTA113EM PDTA113ES P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 1 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PDTA123EE PDTA123EEF PDTA123EK PDTA123EU PDTA123ET |
PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PDTA123E series; PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA143EEF PDTA143EU PDTA143E PDTA143EE PDTA143EK |
PDTA143E series; PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMB3 PEMB3_1 |
PNP resistor-equipped double transistor R1 = 4.7 kohm/ R2 = open PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|
PEMB4 PEMB4_1 |
PNP resistor-equipped double transistor R1 = 10 kohm/ R2 = open From old datasheet system PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PUMB4 PEMB4 PEMB4-PUMB4-15 |
PNP/PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = open PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
|
NXP Semiconductors
|